Part Number Hot Search : 
SZ30D0 2SA1572 CLP0612 16C55 DT74FCT3 AT89C5 IRFV064 T8302
Product Description
Full Text Search
 

To Download STB85NF3LL-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STP85NF3LL STB85NF3LL-1
N-CHANNEL 30V - 0.006 - 85A TO-220/I2PAK LOW GATE CHARGE STripFETTM POWER MOSFET
PRELIMINARY DATA TYPE STP85NF3LL STB85NF3LL-1
s s s s
VDSS 30 V 30 V
RDS(on) < 0.008 < 0.008
ID 85 A 85 A
TYPICAL RDS(on) = 0.0075 (@4.5V) OPTIMAL RDS(ON) x Qg TRADE-OFF @4.5V CONDUCTION LOSSES REDUCED SWITCHING LOSSES REDUCED
1
3 2
3 12
I2PAK
DESCRIPTION This application specific Power MOSFET is the third genaration of STMicroelectronics unique " Single Feature Size" strip-based process. The resulting transistor shows the best trade-off between on-resistance and gate charge. When used as high and low side in buck regulators, it gives the best performance in terms of both conduction and switching losses. This is extremely important for motherboards where fast switching and high efficiency are of paramount importance.
TO-220
INTERNAL SCHEMATIC DIAGRAM
APPLICATIONS s SPECIFICALLY DESIGNED AND OPTIMISED FOR HIGH EFFICIENCY CPU CORE DC/DC CONVERTERS
ABSOLUTE MAXIMUM RATINGS
Symbol VDS VDGR VGS ID ID IDM (q) PTOT Tstg Tj Parameter Drain-source Voltage (VGS = 0) Drain-gate Voltage (RGS = 20 k) Gate- source Voltage Drain Current (continuos) at TC = 25C Drain Current (continuos) at TC = 100C Drain Current (pulsed) Total Dissipation at TC = 25C Derating Factor Storage Temperature Max. Operating Junction Temperature Value 30 30 15 85 60 340 110 0.73 -65 to 175 175 Unit V V V A A A W W/C C C
(q) Pulse width limited by safe operating area
March 2001
1/9
STP85NF3LL/STB85NF3LL-1
THERMAL DATA
Rthj-case Rthj-amb Tl Thermal Resistance Junction-case Max Thermal Resistance Junction-ambient Max Maximum Lead Temperature For Soldering Purpose 1.36 62.5 300 C/W C/W C
ELECTRICAL CHARACTERISTICS (TCASE = 25 C UNLESS OTHERWISE SPECIFIED) OFF
Symbol V(BR)DSS IDSS IGSS Parameter Drain-source Breakdown Voltage Zero Gate Voltage Drain Current (VGS = 0) Gate-body Leakage Current (VDS = 0) Test Conditions ID = 250 A, VGS = 0 VDS = Max Rating VDS = Max Rating, TC = 125 C VGS = 15V Min. 30 1 10 100 Typ. Max. Unit V A A nA
ON (1)
Symbol VGS(th) RDS(on) Parameter Gate Threshold Voltage Static Drain-source On Resistance Test Conditions VDS = VGS, ID = 250A VGS = 10V, ID = 40 A VGS = 4.5V, ID = 40 A Min. 1 0.006 0.0075 0.008 0.0095 Typ. Max. Unit V
DYNAMIC
Symbol gfs (1) Ciss Coss Crss Parameter Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Test Conditions VDS > ID(on) x RDS(on)max, ID = 40 A VDS = 25V, f = 1 MHz, VGS = 0 Min. Typ. 30 2210 635 138 Max. Unit S pF pF pF
2/9
STP85NF3LL/STB85NF3LL-1
ELECTRICAL CHARACTERISTICS (CONTINUED) SWITCHING ON
Symbol td(on) tr Qg Qgs Qgd Parameter Turn-on Delay Time Rise Time Total Gate Charge Gate-Source Charge Gate-Drain Charge Test Conditions VDD = 15V, ID = 30A RG = 4.7 VGS = 4.5V (see test circuit, Figure 3) VDD = 24V, ID = 60A, VGS = 4.5V Min. Typ. 22 130 30 9 12.5 40 Max. Unit ns ns nC nC nC
SWITCHING OFF
Symbol td(off) tf td(off) tf tc Parameter Turn-off-Delay Time Fall Time Off-voltage Rise Time Fall Time Cross-over Time Test Conditions VDD = 15V, ID = 30A, RG = 4.7, VGS = 4.5V (see test circuit, Figure 3) Vclamp =24V, ID =30A RG = 4.7, VGS = 4.5V (see test circuit, Figure 5) Min. Typ. 36.5 36.5 32 23 40 Max. Unit ns ns ns ns ns
SOURCE DRAIN DIODE
Symbol ISD ISDM (1) VSD (2) trr Qrr IRRM Parameter Source-drain Current Source-drain Current (pulsed) Forward On Voltage Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Current ISD = 85A, VGS = 0 ISD = 85A, di/dt = 100A/s, VDD = 15V, Tj = 150C (see test circuit, Figure 5) 65 105 3.4 Test Conditions Min. Typ. Max. 85 340 1.3 Unit A A V ns nC A
Note: 1. Pulsed: Pulse duration = 300 s, duty cycle 1.5 %. 2. Pulse width limited by safe operating area.
Safe Operating Area
Thermal Impedence
3/9
STP85NF3LL/STB85NF3LL-1
Output Characteristics Transfer Characteristics
Transconductance
Static Drain-source On Resistance
Gate Charge vs Gate-source Voltage
Capacitance Variations
4/9
STP85NF3LL/STB85NF3LL-1
Normalized Gate Thereshold Voltage vs Temp. Normalized On Resistance vs Temperature
Source-drain Diode Forward Characteristics
5/9
STP85NF3LL/STB85NF3LL-1
Fig. 1: Unclamped Inductive Load Test Circuit Fig. 2: Unclamped Inductive Waveform
Fig. 3: Switching Times Test Circuit For Resistive Load
Fig. 4: Gate Charge test Circuit
Fig. 5: Test Circuit For Inductive Load Switching And Diode Recovery Times
6/9
STP85NF3LL/STB85NF3LL-1
TO-220 MECHANICAL DATA
DIM. MIN. A C D D1 E F F1 F2 G G1 H2 L2 L4 L5 L6 L7 L9 DIA. 13.0 2.65 15.25 6.2 3.5 3.75 0.49 0.61 1.14 1.14 4.95 2.4 10.0 16.4 14.0 2.95 15.75 6.6 3.93 3.85 0.511 0.104 0.600 0.244 0.137 0.147 4.40 1.23 2.40 1.27 0.70 0.88 1.70 1.70 5.15 2.7 10.40 0.019 0.024 0.044 0.044 0.194 0.094 0.393 0.645 0.551 0.116 0.620 0.260 0.154 0.151 mm TYP. MAX. 4.60 1.32 2.72 MIN. 0.173 0.048 0.094 0.050 0.027 0.034 0.067 0.067 0.203 0.106 0.409 inch TYP. MAX. 0.181 0.051 0.107
A
C
D1
L2
D
F1
G1
E
Dia. L5 L7 L6 L4
P011C
L9
F2
F
G
H2
7/9
STP85NF3LL/STB85NF3LL-1
TO-262 (I2PAK) MECHANICAL DATA
mm MIN. A A1 B B2 C C2 D e E L L1 L2 4.4 2.49 0.7 1.14 0.45 1.23 8.95 2.4 10 13.1 3.48 1.27 TYP. MAX. 4.6 2.69 0.93 1.7 0.6 1.36 9.35 2.7 10.4 13.6 3.78 1.4 MIN. 0.173 0.098 0.027 0.044 0.017 0.048 0.352 0.094 0.393 0.515 0.137 0.050 inch TYP. MAX. 0.181 0.106 0.036 0.067 0.023 0.053 0.368 0.106 0.409 0.531 0.149 0.055
DIM.
A
C2
B2
B
E
L1 L2 D L
P011P5/E
8/9
e
A1
C
STP85NF3LL/STB85NF3LL-1
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specification mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a trademark of STMicroelectronics (c) 2000 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A. http://www.st.com
9/9


▲Up To Search▲   

 
Price & Availability of STB85NF3LL-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X